PART |
Description |
Maker |
AZ100LVE111E |
ECL/PECL 1:9 Differential Clock Driver with Enable ECL / PECL:9差分时钟驱动器,带有启用
|
Arizona Microtek, Inc.
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
NB100LVEP221FAR2 NB100LVEP221 NB100LVEP221FA NB100 |
2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver 2.5V/3.3V:20差分HSTL / ECL / PECL的时钟驱动器
|
ONSEMI[ON Semiconductor]
|
AZ10LVEL16T_ AZ100LVEL16 AZ100LVEL16D AZ100LVEL16D |
ECL/PECL Differential Receiver
|
AZM[Arizona Microtek, Inc]
|
AZ10LVEL16T AZ100LVEL16 AZ100LVEL16D AZ100LVEL16T |
ECL/PECL Differential Receiver
|
List of Unclassifed Manufacturers ETC[ETC] List of Unclassifed Man...
|
AZ100LVEL16DG AZ100LVEL16T AZ100LVEL16NG |
PECL/ECL Differential Receiver
|
Arizona Microtek, Inc
|
AZ100EL16DR1 AZ100EL16DR2 |
4.75 V-5.5 V, ECL/PECL differential receiver
|
Arizona Microtek
|
AZ10EL11 AZ10EL11DR1 AZ10EL11DR2 AZ10EL11TR1 AZ100 |
ECL/PECL 1:2 Differential Fanout Buffer
|
List of Unclassifed Man... List of Unclassifed Manufacturers Arizona Microtek, Inc ETC[ETC]
|
AZ10LVE111FN AZ100LVE111 AZ100LVE111FN AZ100LVE111 |
ECL/PECL 1:9 Differential Clock Driver
|
AZM[Arizona Microtek, Inc]
|
SY100EP57VK4G SY100EP57VK4GTR |
3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
|
Micrel Semiconductor
|